Part Number Hot Search : 
74HCT540 AP9414GM SE95DP DM74A DTA115 05040 10H60 90K65P
Product Description
Full Text Search
 

To Download R-7850-05L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Efficiency up to 97%,Non isolated, no need for heatsinks Pin-out compatible with LM78XX Linears Very low profile( L*W*H=11.5*7.5*10.2 ) Wide input range.(4.75V ~ 34V) Short circuit protection, Thermal shutdown Non standard outputs available as specials between 1.5V ~15.5V Low ripple and noise
UL94V-0 Package Material
INNOLINE
DC/DC-Converter
R-78xx-0.5 Series
0.5 AMP SIP3 Single Output
EMC Certified See Positive-to Negative Converter Application Note for use as a voltage inverter (alternative to LM79xx Linear)
Selection Guide
Part Number SIP3 R-781.5-0.5 R-781.8-0.5 R-782.5-0.5 R-783.3-0.5 R-785.0-0.5 R-786.5-0.5 R-789.0-0.5 R-7812-0.5 R-7815-0.5 Input Range (1) (V) 4.75 - 30 4.75 - 34 4.75 - 34 4.75 - 34 6.5 - 34 8.0 - 34 11 - 34 15 - 34 18 - 34 Output Voltage (V) 1.5 1.8 2.5 3.3 5.0 6.5 9.0 12 15 Output Current (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 Efficiency Min. Vin Max. Vin (%) (%) 73 82 87 91 94 95 96 97 97 63 71 77 81 86 88 92 94 95
EN-55022 Certified EN-55034 Certified EN-60601-1-2 Certified
Note 1:1.5V Output can be unstable with Vin>30VDC
Description
The R-78xx-Series high efficiency switching regulators are ideally suited to replace 78xx linear regulators and are pin compatible. The efficiency of up to 97% means that very little energy is wasted as heat so there is no need for any heat sinks with their additional space and mounting costs. Low ripple and noise figures and a short circuit input current of typically only 7mA round off the specifications of this versatile converter series. This R-78xx-0.5 is fully certified to EN 60601-1-2 (Medical Equipment), EN 55022 (Emissions), and EN55024 (Immunity) EMC Standards.
Output Power (%)
Derating-Graph
(Ambient Temperature)
120 100 80 60 40 20 0
Safe Operating Area
-40
0
25
50
Operating Temperature (C)
85 75 100 71
www.recom-international.com
27-March-2007
139
INNOLINE
DC/DC-Converter
Specifications ( typical at 25C, 10% minimum load, unless otherwise specified )
Characteristics Input Voltage Range Output Voltage Range (for customized parts) Output Current Output Current Limit Short Circuit Input Current Internal Power Dissipation Short Circuit Protection Output Voltage Accuracy (At 100% Load) Line Voltage Regulation (Vin = min. to max. at full load) Load Regulation (10 to 100% full load) Dynamic Load Stability Ripple & Noise (without Output Capacitor) Ripple & Noise (with Output Capacitor=100F) Temperature Coefficient Max capacitance Load Switching Frequency Quiescent Current Operating Temperature Range Operating Case Temperature Storage Temperature Range Case Thermal Impendance Thermal Shutdown Package Weiught MTBF (+25C) . (+71C) Internal IC junction
Detailed Information see Application Notes chapter "MTBF"
R-78xx-0.5 Series
Conditions 1.5V 1.8V to 15.5V All Series All Series All Series All Series 10 Min. 4.75 4.75 1.25 0 Typ. Max. 30.0V 34.0V 15.5V 500mA 2000mA 30mA 0.4W Continuous, automatic recovery All Series 1.5V to 6.5V 9V to 15.5V 1.5V to 6.5V 9V to 15.5V 100% <-> 50% load 100% <-> 10% load 1.5V to 6.5V 9V to 15.5V 1.5V to 6.5V 9V to 15.5V -40C ~ +85C ambient 280 Vin = min. to max. at 0% load -40C -55C +160C 1.9g using MIL-HDBK 217F using MIL-HDBK 217F 21098 x 10 hours 4212 x 10 hours 330 5 2 0.2 0.1 0.4 0.25 75mV 20mVp-p 30mVp-p 15mVp-p 25mVp-p 3% 0.4% 0.2% 0.6% 0.4% 100mV 30mVp-p 40mVp-p 20mVp-p 35mVp-p 0.015%/C 220F 380kHz 7mA +85C +100C +125C 70C / W
}
Standard Application Circuit
+Vin C1
10F (Vin>28V)
R-78xx-0.5
+Vout
Add a blocking diode to Vout if current can flow backwards into the output, as this can damage the converter.
-Vin
Input capacitor needed only if Vin>28VDC.
-Vout
140
27-March-2007
www.recom-international.com
INNOLINE
Characteristics
DC/DC-Converter
R-78xx-0.5 Series
Ripple
Vo=12V,15 V Vo=9V Vo=5V Vo=3.3V Vo=1.8V Vo=1.5V 50 Vo=12V Vo=15V Vo=9V Vo=5V Vo=3.3V Vo=1.8V Vo=1.5V Vin (V) 10 20 30 34
Efficiency
100
50
25
Efficiency (%)
Vin (V)
10
20
30 34
Efficiency Vs Vin (Full Load)
Ripple (mV)
Ripple Vs Vin (full load)
100
50
Vo=15V Vo=12V Vo=5V Vo=3.3V Vo=1.8V Vo=1.5V
50
25
Efficiency (%)
0.1
0.2
0.3
0.4
0.5
0.6
Ripple (mV)
Vo=12V Vo=15V Vo=9V Vo=5V Vo=3.3V Vo=1.8V Vo=1.5V
0.1
0.2
0.3
0.4
0.5
0.6
Output Current ( A )
Output Current ( A )
Efficiency Vs Load ( Vin=Max )
Ripple Vs Load ( Vin=24V )
100
Vo=12V,15V Vo=5V Vo=3.3V Vo=1.8V Vo=1.5V
50
50
25
Efficiency (%)
Vo=15V Vo=12V Vo=1.8V Vo=3.3, 9V Vo=5V Vo=1.5V 0.1 0.2 0.3 0.4 0.5 0.6 Output Current ( A )
0.1
0.2
0.3
0.4
0.5
0.6
Output Current ( A )
Ripple (mV)
Efficiency Vs Load ( Vin=Min )
Ripple Vs Load ( Vin=Min )
www.recom-international.com
27-March-2007
141
INNOLINE
Application Examples
DC/DC-Converter
R-78xx-0.5 Series
DC/DC Converter ( 1:1 )
High efficiency, isolated, dual unregulated outputs
+Vin
R-78xx-0.5
+Vout Com
C1
-Vin
C2
- Isolated dual outputs - Wide input range 4.75V to 34V
-Vout
C1 : optional, C2: Required (further decoupling filtering may be necessary between the two converters)
Isolated (up to 6KV), wide Input range regulated output
DC/DC Converter ( 1:1 ) +Vin
R-78xx-0.5 C1 C2
- High isolation voltage - Improved loading / line regulation - Wide Input Voltage Range - Point-of-Load Architecture
+Vout
-Vin
-Vout C1: Required (further decoupling filtering may be necessary between the two converters), C2: Optional
Package Style and Pinning (mm)
SIP3 PIN Package
3rd angle projection
7.55 10.2
RECOM R-785.0-0.5 0.51 typ. **** Pb RECOM R-785.0-0.5 **** Pb
4.10
0.7 typ.
123
Recommended Footprint Details
11.50 0.25
Bottom View
Pin Connections Pin # 1 +Vin 2 GND 3 +Vout xx.x 0.5mm xx.xx 0.25mm
1.00 o+0.15/0 2.54 2.0
Top View
3.21
5.08
2.54
142
27-March-2007
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of R-7850-05L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X